Part Number Hot Search : 
IRFM150 BCM56580 SMBJ2 H21A3 0F201 PMD16K60 MPC9990 20N60F
Product Description
Full Text Search
 

To Download AP105-RP34L-SC1-212 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Low Profile Connectors for AC power supply
RP34L Series
Receptacle installed height
(3 pos.type)
(2 pos.type) RP34L Existing RP34
sFeatures
1. Low profile
Receptacles are designed with their installation heights to be shorter than those of conventional RP34 series.
Mated dimensions
2. Space saving
Both 2 and 3 position receptacles are miniaturized to 7mm length, resulting in a small board mounting area.
3. Snap-lock mechanism
Audible click when connector is fully mated.
4. Precise mated connection
Secure hold of the plug on au 3 axis.
RP34L-5PA-2SC() & RP34L-5R-2PD
5. Sequence mating
The 3 contact type has sequenced mating. One pin makes contact as a ground terminal before the other contacts.
This 2 contact plug is an over-molded (i.e., cable-integrated form) type. Recommended cable diameter is 3.5mm dia.
6. No Mismating
Two polarized keys prevent any insertion error.
Mated dimensions
7. Ease of Mating
An arrow on the top of the plug shows the proper direction for insertion.
sApplications
Notebook PCs, portable remote terminals, AV equipment, etc.
RP34L-5PA-3SC & RP34L-5R-3PD This 3-contact plug is a field assembly type. Recommended cable diameter is 4mm dia.
2004.8
1
sProduct Specifications
Ratings Current rating Voltage rating 5A 30V AC, 42A DC Specification 30mo or max. 1A DC 100V DC 150V AC/1 minute 10~55Hz, one-sided amplitude 0.75mm, 3 directions for 2hours, respectively -55c for 30 min./normal temp. for 10~15 min./+85c for 30 min./normal temp. for 10~15 min. 5 cycles 5% salt water solution, 48 hours 5,000 mating / un-mating Operating temp. range Storage temp. range -25c~+85c -10c~+60c Conditions
Item 1.Contact resistance 2.Insulation resistance 1000mo min.
3.Withstanding voltage No flashover or insulation breakdown 4.Vibration 5.Temperature cycle 6.Salt spray 7.Durability No electric disconnection of 10s or more Insulation resistance:100mo min. No corrosions Contact resistance:60mo max.
sMaterial
Component Metal comp. 2 pos. Insulator Contacts Cover 2 pos. Insulator Contacts Metal comp. 3 pos. Insulator Contacts Cover 3 pos. Insulator Contacts Nylon Brass Vinyl chloride Nylon Phosphor bronze Phosphor bronze PPS Brass Polycarbonate Vinyl chloride PPS Phosphor bronze Solder-plating Black Palladium-plating Black Black Black Palladium-plating Material Phosphor bronze Finish / Color Solder-plating Black Palladium-plating Black Black Remarks --------------UL94HB --------------UL94V-0 UL94HB ----------------------------UL94V-0 --------------UL94V-0 UL94V-0 UL94V-0 ---------------
sOrdering information
RP34L - 5 PA - 2 SC
1 1 Series name: RP34L 2 Shell: Shell.size, 5 3 Type: Receptacle: R Assembled straight plug: P Assembled right angle plug: LP Cable ass'y, straight plug: PA 2 3 4 5
( )
6
4 Number of contacts: 2, 3 5 Type of contact: PD: through hole male contact SC: crimp female contact 6 Cable length:() depends on each cable (mm).
2
sReceptacles
q2 pos. RP34L-5R-2PD
Recommended panel cutout
PCB mounting pattern Connector front
q3 pos. RP34L-5R-3PD
Recommended panel cutout
PCB mounting pattern
Connector front
Part Number RP34L-5R-2PD RP34L-5R-3PD
CL No. 113-5154-6-00 113-5157-4-00
3
sPlugs
sRP34L-5PA-2SC(1857)
Cable assembly
sRP34L-5P-3SC
Field assembly-Straight
sRP34L-5LP-3SC
Field assembly-Right angle
Part Number RP34L-5PA-2SC(1857) RP34L-5P-3SC RP34L-5LP-3SC
CL No. 113-5153-3-00 113-5158-7-00 113-5161-1-00
4
sCrimp contact
sRP34L-SC1-212(01)
Part Number
CL No.
RP34L-SC1-212(01)
113-5151-8-01
sApplicable Tools
TYPE Manual crimping tool Automatic Crimper Crimper body Cable crimping tool Drawing tool AP105-RP34L-SC1-212 RP34-TC-01 RP6-SC-TP Part Number HT-102/RP34L-SC1-212 CM-105 CL No.
--------------
Conformant terminal RP34L-SC1-212(01)
--------------
Applicable conductor AWG#18~#22
--------------
901-0005-4 901-2043-4 150-0074-1 150-0039-0
RP34L-SC1-212(01)
---------------------------
AWG#18~#22
O4 --------------
5
sAssembly Instructions(3-Position Plug)
qStraight Plug
1. Slide the bushing over the cable. 2. Prepare the cable end and the conductors as shown. 3. Crimp the contacts to each conductor. Verify the crimp dimensions. 4. Insert each of the contacts into the insulator body. Verify that the contact is secure by slightly pulling on the conductor. Should the contacts require reinsertion, use the tool RP6-SC-TP to remove them (Inserted from the termination side). 5. Crimp the cable clamp over the cable at designated dimension (Tool number:RP34-TC-01). 6. Place the outer case on a flat surface , with inside facing up. 7. Carefully place the insulator body, clamp and the bushing into corresponding indents and cut-outs in the outer case. Verify correct location. (As shown on drawing) Note A: When placing all components in the case, exercise caution as NOT to damage any of the protruding snap. Note B: All components should fit easily, without use of any force. 8. Carefully align the other outer case over all components case. Do not force alignment. 9. Snap the case in place.
Outer case
Outer case
Outer case Outer case
qRight Angle Plug
Insulator body
1. The right angle plug can also be assembled by using the same procedure as the straight plug.
Outer case
Insulator body
6
sPrecautions
1. Use the connector section with its panel held down so as not to have excessive load.For 2-contact type, hold the outer shellsection of the receptacle, and for 3 contact type, the outer shell section of the plug.
Panel
<2-contact type>
<3-contact type>
2. After connector assembly, cable must not be pulled over 30N in the arrow-indicated direction. Be careful not to add excessive tensile load because it will lead the damage of connectors.
7


▲Up To Search▲   

 
Price & Availability of AP105-RP34L-SC1-212

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X